Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 4 Page - STMicroelectronics

  STV9410 Datasheet HTML 1Page - STMicroelectronics STV9410 Datasheet HTML 2Page - STMicroelectronics STV9410 Datasheet HTML 3Page - STMicroelectronics STV9410 Datasheet HTML 4Page - STMicroelectronics STV9410 Datasheet HTML 5Page - STMicroelectronics STV9410 Datasheet HTML 6Page - STMicroelectronics STV9410 Datasheet HTML 7Page - STMicroelectronics STV9410 Datasheet HTML 8Page - STMicroelectronics STV9410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD*
Supply Voltage
-0.3, +7.0
V
VIN*
Input Voltage
-0.3, +7.0
V
Toper
Operating Temperature
0, +70
oC
Tstg
Storage Temperature
-40, +125
oC
Ptot
Power Dissipation
300
mW
* with respect to VSS
ELECTRICAL CHARACTERISTICS
(VDD =5V, VSS =0V, Ta = 0 to + 70
oC, fxtal = 8 to 10MHz, unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
4.75
5.0
5.25
V
IDD
Supply current *
-
-
50
mA
INPUTS
NCS, SDA, SCK, SYNC IN, XTI
VIL
Input low voltage
0
-
0.8
V
VIH
Input high voltage (except XTI)
2
-
VDD
V
IIL
Input leakage current (except XTI) (0 < VIN <VDD)
-10
-
+10
µA
CIN
Input capacitance (except XTI)
-
10
-
pF
VREF
Vrh
Voltage reference of DAC
1.5
-
VDD
V
Vrst
Reset level on VREF
0
-
0.4
V
RIN
VREF to VSSA internal resistance
0.4
-
1.0
k
Ω
VSSA
Reference level of DAC
0
-
VDD
V
OUTPUTS
SDA, CSYNC,VSYNC, R, G, B, I, SYNC IN, DF, XTO, CKO, POR
VOL
Output low voltage (IOL = 1.6mA)
0
-
0.4
V
VOH
Output high voltage (IOH = - 0.1mA )
0.8 VDD
-VDD
V
Y
Output voltage (VREF=5V, VSSA=0, IOUT=0)
LI
Integral linearity
-
-
0.25
V
LD
Differential linearity
-
-
0.1
V
ZOUT
Output impedance
-
-
0.5
k
Ω
Tp
Propagation time at VOUT 90% of VFINAL,
CL=20pF, IOUT=0, VREF=5V, VSSA=0V
-
-
80
ns
* no load on outputs
STV9410
4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com