Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV9410 Datasheet HTML 14Page - STMicroelectronics STV9410 Datasheet HTML 15Page - STMicroelectronics STV9410 Datasheet HTML 16Page - STMicroelectronics STV9410 Datasheet HTML 17Page - STMicroelectronics STV9410 Datasheet HTML 18Page - STMicroelectronics STV9410 Datasheet HTML 19Page - STMicroelectronics STV9410 Datasheet HTML 20Page - STMicroelectronics STV9410 Datasheet HTML 21Page - STMicroelectronics STV9410 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
4. DISPLAY CONTROL
4.1 SCREEN DESCRIPTION
A screen is composed of successive scan lines
gathered in one or several strips. Each strip is
defined by a descriptor stored in memory. A list of
descriptors allows screen composition, different
screens can be defined in memory (see application
note and Figures 13, 14.).
Two kinds of strip are available :
- Uniform color strip
Applications :
- vertical front and back porch
- vertical synchro
- border lines
Parameters :
- number of scan lines
- color
- Character strip
Characters and attributes are defined by a suc-
cession of codes stored in memory; thanks to the
character code, a memory address is calculated
and used to get the character pattern.
Parameters :
- address of the first code
- size, display enable
* U0 is uniform strip number 0, R0 is character strip number 0
DESCRIPTOR LIST
CONTENTS
SCAN LINES
SUM
VERT REGISTER
COMMENTS
VERT REGISTER
COMMENTS
242 Scan Lines (00F0h)
312 Scan Lines (0136h)
U2 Strip is cut (red uniform strip)
U2 (red), U3 (yellow), U4 (cyan) and part of U5 (white) uniform strip are displayed
1460
A8AA
0A02
F8AA 20AB 48AB
D0BA 1402
1906
1903
1907
U0*
U1
R0*
R1
R2
R18
R19
U2
U3
U4
U5
10
10
20
25
25
25
220
230
250
275
300
325
20
10
10
10
10
20
30
40
50
60
Figure 13 : Programmation of Number of Scan Lines - Vertical Register VERT (2FF0/2FF1)
and Descriptor List
OTHER
25th ROW CODES
OTHER
1st ROW CODES
3rd ROW CODES
2nd ROW CODES
OTHER
23th ROW CODES
OTHER
RAM
PAGE CODES LOCATION
UNIF 0
ROW 0
ROW 1
ROW 2
ROW 22
ROW 2
ROW 24
UNIF 1
TOP UNIFORM STRIP
BOTTOM UNIFORM STRIP
1st CHARACTER ROW
2nd CHARACTER ROW
3rd CHARACTER ROW
23th CHARACTER ROW
24th CHARACTER ROW *
25th CHARACTER ROW
Address
of the list
ADDR
REGISTER
RAM
DESCRIPTOR LIST
SCREEN
* Identical to row 2
Figure 14 : Relation between Screen Location/Descriptor Pointer/RAM Page Codes
STV9410
18/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com