Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 3 Page - STMicroelectronics

  STV9410 Datasheet HTML 1Page - STMicroelectronics STV9410 Datasheet HTML 2Page - STMicroelectronics STV9410 Datasheet HTML 3Page - STMicroelectronics STV9410 Datasheet HTML 4Page - STMicroelectronics STV9410 Datasheet HTML 5Page - STMicroelectronics STV9410 Datasheet HTML 6Page - STMicroelectronics STV9410 Datasheet HTML 7Page - STMicroelectronics STV9410 Datasheet HTML 8Page - STMicroelectronics STV9410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PIN DESCRIPTION (continued)
Symbol
Pin n
o
I/O
Description
DIP20
SO24
LCD MODE
-
-
1
-
Reserved
XTO
1
2
O
Crystal oscillator output
XTI
2
3
I
Crystal oscillator or clock input
CKO
3
4
O
Clock output
POR
4
5
O
Programmable output port
NCS
5
6
I
Serial interface selection
SDA
6
7
I/O
Serial data input/output
SCK
7
8
I
Serial interface clock input
VREF
8
9
I
Reset input and ref supply of contrast adjustment
VSSA
9
10
S
Ref ground of contrast adjustment
VSS
10
11
S
Ground
-
-
12
-
Reserved
-
-
13
-
Reserved
VEE
11
14
O
Constrast adjustment
D2
12
15
O
D2 Data output
D3
13
16
O
D3 Data output
D1
14
17
O
D1 Data output
D0
15
18
O
D0 Data output
DF
16
19
O
LCD polarity output
LOAD
17
20
O
Load output (line)
FRAME
18
21
O
Frame output
CKD
19
22
I/O
Data Clock
VDD
20
23
S
+5v power supply
-
-
24
-
Reserved
CLOCK
GENE RATOR
TIME BAS E
MCU
INTERFACE
CONTROL
P ROCES S ING
DISP LAY
LOGIC
6K BYTE
RAM
DAC
S YNC
IN
CRT
MODE
LCD
MODE
D2, D3 , D1
R, G, B
I
Y
LOAD
FRAME
D0
DF
PO R
CKO
XTI
XTO
NCS
S DA
S CK
CKD (SYNC IN)
V
DD
V
REF
V
SS
V
SSA
C
S YNC
V
SYNC
V
EE
S TV9410
BLOCK DIAGRAM
STV9410
3/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com