Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9410 Datasheet HTML 8Page - STMicroelectronics STV9410 Datasheet HTML 9Page - STMicroelectronics STV9410 Datasheet HTML 10Page - STMicroelectronics STV9410 Datasheet HTML 11Page - STMicroelectronics STV9410 Datasheet HTML 12Page - STMicroelectronics STV9410 Datasheet HTML 13Page - STMicroelectronics STV9410 Datasheet HTML 14Page - STMicroelectronics STV9410 Datasheet HTML 15Page - STMicroelectronics STV9410 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Margin and Horizontal Time Base
Register (HORI)
Internal address : 2FF3-2FF2 h
RESET value :03-3F h
(@ = RESET default configuration)
2FF3
----
-
MG2 MG1 MG0
@
0
000
0011
2FF2
-
-
L5
L4
L3
L2
L1
L0
@
0
011
1111
MG(2:0) :
Left and right margin duration (@ = 4
µs)
MG =
MarginDuration
8 pxlck
− 1
L(5:0)
:
Line duration (@= 64
µs)
L=
Line Duration
8 pxlck
− 1
Horizontal Synchronization Register (HSYN)
Internal address : 2FF5-2FF4 h
RESET value :E6-DC h
(@ = RESET default configuration)
2FF5
SU7 SU6 SU5 SU4 SU3 SU2 SU1 SU0
@
1110
01
10
2FF4
SD7 SD6 SD5 SD4 SD3 SD2 SD1 SD0
@
1101
01
00
SU(7:0) : SYNC rising edge position (@ = 57.75
µs)
SU =
Rise Edge Position
2 pxlck
− 1
SD(7:0) : SYNC falling edge position (@= 53.25
µs)
SD =
FallingEdge Position
2 pxlck
− 1
REG
HORI
FIXED
HORI
FIXED
RESULT
HSYN
HSYN
HSYN PULSE
HSYN
HSYN
HSYN PULSE
Qz = 8MHz
(L = 3F)
(MG = 0)
(SU = B7)
(SD = BF)
(SU = BF)
(SD = B7)
Negative Pulse
Positive Pulse
64
µs
64
1
µs
1
1
µs
1
40
µs
40
21
µs
21
46
µs
46
48
µs
48
46
µs
46
48
µs
48
Register
Val ue
Duration
(
µs)
Duration
(nber of char.)
Active area
Figure 7 : HSYN Register Synchro Pulse Programmation
STV9410
12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com