Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9410 Datasheet HTML 1Page - STMicroelectronics STV9410 Datasheet HTML 2Page - STMicroelectronics STV9410 Datasheet HTML 3Page - STMicroelectronics STV9410 Datasheet HTML 4Page - STMicroelectronics STV9410 Datasheet HTML 5Page - STMicroelectronics STV9410 Datasheet HTML 6Page - STMicroelectronics STV9410 Datasheet HTML 7Page - STMicroelectronics STV9410 Datasheet HTML 8Page - STMicroelectronics STV9410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
STV9410
CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
April 1996
DIP20
(Plastic Package)
ORDER CODE : STV9410P
.
CMOS SINGLE CHIP CRT AND LCD DIS-
PLAY PROCESSOR
.
BUILT IN 6 KBYTE RAM
.
25 ROWS OR MORE OF 40 CHARACTERS
.
CRT MODE :
- ANALOG Y LUMINANCE OUTPUT OF 4-
BIT DAC
- R,G,B DIGITAL COLOR OUTPUTS
- FAST BLANKING OUTPUT FOR VIDEO
SWITCH COMMAND
- SYNCHRONIZATION INPUT AND OUTPUT
- MASTER AND SLAVE SYNCHRONIZATION
MODES
.
LCD MODE :
- 8 GREY LEVELS
- 4 BIT DATA WITH CLOCK OUTPUT
- 3 OUTPUTS FOR LCD DRIVERS SYN-
CHRONIZATION
- CONTRAST ANALOG COMMAND WITH
DAC OUTPUT
.
128
ALPHANUMERIC CODES AND 128
SEMI-GRAPHIC CODES IN INTERNAL ROM
.
PARALLEL ATTRIBUTES THANKS TO 2
BYTE CODES
.
128
ALPHANUMERIC
AND
96
SEMI-
GRAPHIC
USER
DEFINABLE
CODES
DOWN-LOADABLE IN RAM
.
3-WIRE ASYNCHRONOUS SERIAL MCU IN-
TERFACE
.
SQUARE WAVE OR LOGICAL PROGRAM-
MABLE OUTPUT
.
FULLY PROGRAMMABLE WITH 7 16-BIT
CONTROL REGISTERS
.
24-PIN SO OR 20-PIN DIP PACKAGES
DESCRIPTION
STV9410 controller is a VLSI CMOS Display Proc-
essor. Time base generator, display control & re-
fresh logic, interface for transparent MCU memory
access, ROM character sets, memory to store dis-
play data & page codes and control registers are
gathered on a single chip component packed in a
short 20 DIP or SO plastic package.
SO24
(Plastic Micropackage)
ORDER CODE : STV9410D
Using its 3-wire serial interface, working in both
read and write mode to program 7 control registers
and to access internal RAM, STV9410 is a highly
flexible processor.
The STV9410 provides the user an easy to use and
cost effective solution to display alphanumeric and
semigraphic Informationon CRT and LCD screens.
1/25


Similar Part No. - STV9410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9421 STMICROELECTRONICS-STV9421 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9423 STMICROELECTRONICS-STV9423 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9424 STMICROELECTRONICS-STV9424 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
More results

Similar Description - STV9410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EF9345 STMICROELECTRONICS-EF9345 Datasheet
554Kb / 38P
HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
Mar-1995
logo
List of Unclassifed Man...
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
On-Screen-Display Controller for CRT/LCD Monitor
CRT9007A2 ETC-CRT9007A2 Datasheet
2Mb / 22P
CRT VIDDEO PROCESSOR AND CONTROLLER VPAC
logo
STMicroelectronics
STV3550 STMICROELECTRONICS-STV3550 Datasheet
2Mb / 144P
LCD and Matrix Display TV Processor
23-Jun-2003
logo
List of Unclassifed Man...
EF9365 ETC1-EF9365 Datasheet
1Mb / 28P
GRAPHIC DISPLAY PROCESSOR
logo
STMicroelectronics
EF9341 STMICROELECTRONICS-EF9341 Datasheet
1Mb / 28P
SEMI-GRAPHIC CRT DISPLAY PROCESSOR
logo
Crystalfontz America, I...
CFAG12864T3-TFH CRYSTAIFONTZ-CFAG12864T3-TFH Datasheet
445Kb / 10P
128 x 64 GRAPHIC LCD DISPLAY
CFAG12864U3-NFH CRYSTAIFONTZ-CFAG12864U3-NFH Datasheet
547Kb / 10P
128 x 64 GRAPHIC LCD DISPLAY
CFAG12864U3-TFH CRYSTAIFONTZ-CFAG12864U3-TFH Datasheet
463Kb / 10P
128 x 64 GRAPHIC LCD DISPLAY
logo
Red Lion Controls. Inc
G308A REDLION-G308A Datasheet
689Kb / 8P
GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com