Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV9410 Datasheet HTML 7Page - STMicroelectronics STV9410 Datasheet HTML 8Page - STMicroelectronics STV9410 Datasheet HTML 9Page - STMicroelectronics STV9410 Datasheet HTML 10Page - STMicroelectronics STV9410 Datasheet HTML 11Page - STMicroelectronics STV9410 Datasheet HTML 12Page - STMicroelectronics STV9410 Datasheet HTML 13Page - STMicroelectronics STV9410 Datasheet HTML 14Page - STMicroelectronics STV9410 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
2.3 CLOCK AND TIMING GENERATOR
The whole timing is derived from XTI input fre-
quency which can be an external generator or a
crystal signal thanks to XTO/XTI oscillator.This
clock is also pixel frequency which can be chosen
between 8MHz to 10MHz (pxlck). This clock is
available on CKO pin. It should be use for the MCU,
saving a crystal in the application.
The active area of a video line is 320 pixels periods
long (40 characters of 8 pixels wide). Number of
lines per frame, margin width, line duration, leading
and trailing edges of horizontal synchronizationare
fully programmable in CRT mode using VERT,
HORI, HSYN registers.
A RESET, can be applied to STV9410 by pulling
low VREF pin (
≤ 0.4V).
On RESET, default values are forced into configu-
ration registers and video outputs are at low level.
All unused bit of registers are always read as ”0”.
2.3.1 Time Base Registers
Vertical Time Base and Configuration
Register (VERT)
Internal address : 2FF1-2FF0 h
RESET value :01-36 h
(@ = RESET default configuration)
2FF1 h LCD ILC
C/H
V/P VSE HSE
-
F8
@
0000
00
01
2FF0 h
F7
F6
F5
F4
F3
F2
F1
F0
@
0011
01
10
LCD
:
1 LCD mode
0 CRT mode @
ILC
:
1 Interlaced scanning
0 non-interlaced scanning @
C/H
:
1 CSYNC is composite synchro
0CSYNC is horizontal synchro @
V/P
:
1 VSYNC is vertical synchro
0VSYNC is RTP bit of current descriptor @
VSE
:
1 enable vertical synchro with SYNC IN
0 disable @
HSE
:
1 enable horizontal synchro with SYNC IN
0 disable @
F (8:0)
:
scan line number per frame (@ 312)
LCD
ILC
C/H
V/P
VSE HSE
-
F8
F6
F5
F7
F4
F3
F2
F1
F0
XXXXXX
-
0
000000
0
0
0
000000
0
1
0
0000
0
1
1
1
0
00
0
1
1
1
1
1
Not al lowed
3
16
64
100
120
240
250
310
312
313
320
480
512
513
0
01
1
000
0
1
0
01
10
1
1
0
1
0
1
1
0
1
1
11
0
0
0
0
1
1
1
1
1
0
0
1
00
1
10
0
1
1
0
1
1
1
00
1
1
0
1
1
1
00
1
0
1
1
1
1
1
1
00
0
1
1
1
1
1
110
0
1
1
1
1
1
1
1
11
1
1
1
1
1
1
1
1
F(0:8) + 2
-
01
0E
3E
62
76
EE
F8
34
36
37
3E
DE
FE
FF
Nb of S can
Lines
LS B
HEXA
2FF0
2FF1
F[8:0] = Scan Line Number - 2
262
263
0
1
1
0
1
04
05
0
0
0
0
0
0
0
0
0
01
0
1
0
1
Figure 6 : Vert Register Scan Lines Programmation
STV9410
11/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com