Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA17901AFP Datasheet HTML 1Page - Renesas Technology Corp HA17901AFP Datasheet HTML 2Page - Renesas Technology Corp HA17901AFP Datasheet HTML 3Page - Renesas Technology Corp HA17901AFP Datasheet HTML 4Page - Renesas Technology Corp HA17901AFP Datasheet HTML 5Page - Renesas Technology Corp HA17901AFP Datasheet HTML 6Page - Renesas Technology Corp HA17901AFP Datasheet HTML 7Page - Renesas Technology Corp HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 4 of 15
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
36
V
Differential input voltage
Vin(diff)
±VCC
V
Input voltage
Vin
−0.3 to +VCC
V
Output pin voltage
Vout
−0.3 to +36
V
Output current
Iout *
1
20
mA
DIP
625 *
2
SOP
625 *
3
Allowable power dissipation
TSSOP
PT
400 *
4
mW
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Notes: 1. These products can be destroyed if the output and VCC are shorted together. The maximum output current is
the allowable value for continuous operation.
2. HA17901AP:
These are the allowable values up to Ta = 50
°C. Derate by 8.3 mW/°C above that temperature.
3. HA17901AFP/ARP:
When it is mounted on glass epoxy board of 40 mm
× 40 mm × 1.6 mmt with 10% wiring density, value at Ta
≤ 25°C. If Ta > 25°C, derated by 6.25 mW/°C.
When it is mounted on glass epoxy board of 40 mm
× 40 mm × 1.6 mmt with 30% wiring density. If Ta >
32
°C, derated by 6.70 mW/°C.
4. HA17901AT:
These are the allowable values up to Ta = 25
°C. Derate by 4 mW/°C above that temperature.
Electrical Characteristics
(VCC = 5 V, Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
VIO
2
7
mV
Output switching point:
when VO = 1.4V, RS = 0
Ω
Input offset current
IIO
5
50
nA
 IIN(+) − IIN(−)
Input bias current
IIB
25
250
nA
IIN(+) or IIN(−)
Common-mode input voltage *
1
VCM
0
VCC
−1.5
V
Supply current
ICC
0.8
2
mA
RL =
∞
Voltage Gain *
3
AV
(200)
V/mV
RL = 15k
Ω
Response time *
2,3
tR
(1.3)
µs
VRL = 5V, RL = 5.1k
Ω
Output sink current
IO(sink)
6
16
mA
VIN(−) = 1V, VIN(+) = 0, VO ≤ 1.5V
Output saturation voltage
VO(sat)
200
400
mV
VIN(−) = 1V, VIN(+) = 0, Iosink = 3mA
Output leakage current *
3
ILO
(0.1)
nA
VIN(+) = 1V, VIN(−) = 0, VO = 5V
Notes: 1. Voltages more negative than
−0.3 V are not allowed for the common-mode input voltage or for either one of
the input signal voltages.
2. The stipulated response time is the value for a 100 mV input step voltage that has a 5 mV overdrive.
3. Design spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com