Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA17901AFP Datasheet HTML 6Page - Renesas Technology Corp HA17901AFP Datasheet HTML 7Page - Renesas Technology Corp HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp HA17901AFP Datasheet HTML 10Page - Renesas Technology Corp HA17901AFP Datasheet HTML 11Page - Renesas Technology Corp HA17901AFP Datasheet HTML 12Page - Renesas Technology Corp HA17901AFP Datasheet HTML 13Page - Renesas Technology Corp HA17901AFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 10 of 15
2. Pulse Generator
The charge and discharge circuits in the circuit from figure 1 are separated by diodes in this circuit. (See figure 3.)
This allows the pulse width and the duty cycle to be set independently. Figure 4 shows the waveforms generated by
this circuit.
1 M
80 pF
C
VCC
VCC
VCC
Vout
1 M
−
+
HA17901A
1 M
R2 100 k
R1 1 M
D2 IS2076
D1 IS2076
Figure 3 Pulse Generator
Horizontal: 5 V/div, Vertical: 20
µs/div, V
CC = 15 V
Horizontal: 2 V/div, Vertical: 20
µs/div, V
CC = 5 V
Figure 4 Operating Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com