Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA17901AFP Datasheet HTML 7Page - Renesas Technology Corp HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp HA17901AFP Datasheet HTML 10Page - Renesas Technology Corp HA17901AFP Datasheet HTML 11Page - Renesas Technology Corp HA17901AFP Datasheet HTML 12Page - Renesas Technology Corp HA17901AFP Datasheet HTML 13Page - Renesas Technology Corp HA17901AFP Datasheet HTML 14Page - Renesas Technology Corp HA17901AFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 11 of 15
3. Voltage Controlled Oscillator
In the circuit in figure 5, comparator A1 operates as an integrator, A2 operates as a comparator with hysteresis, and
A3 operates as the switch that controls the oscillator frequency. If the output Vout1 is at the low level, the A3 output
will go to the low level and the A1 inverting input will become a lower level than the A1 noninverting input. The
A1 output will integrate this state and its output will increase towards the high level. When the output of the
integrator A1 exceeds the level on the comparator A2 inverting input, A2 inverts to the high level and both the output
Vout1 and the A3 output go to the high level. This causes the integrator to integrate a negative state, resulting in its
output decreasing towards the low level. Then, when the A1 output level becomes lower than the level on the A2
noninverting input, the output Vout1 is once again inverted to the low level. This operation generates a square wave
on Vout1 and a triangular wave on Vout2.
VCC
−
+
VCC
+VC
VCC/2
VCC/2
VCC
VCC
A3
A1
A2
50 k
Frequency
control
voltage
input
VCC = 30 V
+250 mV
< +V
C < +50 V
700 Hz
< / < 100 kHz
Output 2
Output 1
10
100 k
20 k
5.1 k
3 k
VCC
3 k
100 k
20 k
0.1
µ
HA17901A
−
+
HA17901A
0.01
µ
500 p
HA17901A
−
+
Figure 5 Voltage Controlled Oscillator
4. Basic Comparator
The circuit shown in figure 6 is a basic comparator. When the input voltage VIN exceeds the reference voltage VREF,
the output goes to the high level.
+
−
VCC
3 k
Ω
Vin
VREF
HA17901A
Figure 6 Basic Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com