Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp HA17901AFP Datasheet HTML 10Page - Renesas Technology Corp HA17901AFP Datasheet HTML 11Page - Renesas Technology Corp HA17901AFP Datasheet HTML 12Page - Renesas Technology Corp HA17901AFP Datasheet HTML 13Page - Renesas Technology Corp HA17901AFP Datasheet HTML 14Page - Renesas Technology Corp HA17901AFP Datasheet HTML 15Page - Renesas Technology Corp HA17901AFP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 12 of 15
5. Noninverting Comparator (with Hysteresis)
Assuming +VIN is 0 V, when VREF is applied to the inverting input, the output will go to the low level
(approximately 0 V). If the voltage applied to +VIN is gradually increased, the output will go high when the value of
the noninverting input, +VIN
× R
2/(R1 + R2), exceeds +VREF.
Next, if +VIN is gradually lowered, Vout will be
inverted to the low level once again when the value of the noninverting input, (Vout – VIN)
× R
1/(R1 + R2), becomes
lower than VREF. With the circuit constants shown in figure 7, assuming VCC = 15 V and +VREF = 6 V, the following
formula can be derived, i.e. +VIN
× 10 M/(5.1 M + 10 M) > 6 V, and Vout will invert from low to high when +V
IN is
> 9.06 V.
(Vout
− VIN) ×
(Assuming Vout = 15V)
+ VIN < 6V
R1
R1 + R2
When +VIN is lowered, the output will invert from high to low when +VIN
< 1.41 V. Therefore this circuit has a
hysteresis of 7.65 V. Figure 8 shows the input characteristics.
−
+
Vout
3 k
10 M
R1
R2
5.1 M
VCC
VCC
+VREF
+Vin
HA17901A
Figure 7 Noninverting Comparator
0
5
10
15
20
16
12
8
4
0
Input Voltage VIN (V)
VCC = 15 V, +VREF = 6 V
+Vin = 0 to 10 V
Figure 8 Noninverting Comparator I/O Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com