Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA17901AFP Datasheet HTML 4Page - Renesas Technology Corp HA17901AFP Datasheet HTML 5Page - Renesas Technology Corp HA17901AFP Datasheet HTML 6Page - Renesas Technology Corp HA17901AFP Datasheet HTML 7Page - Renesas Technology Corp HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp HA17901AFP Datasheet HTML 10Page - Renesas Technology Corp HA17901AFP Datasheet HTML 11Page - Renesas Technology Corp HA17901AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 8 of 15
−55
−15
45
85
125
45
40
35
30
25
20
15
10
5
0
Ambient Temperature Ta (
°C)
Output Sink Current vs.
Ambient Temperature Characteristics
−35
5
25
65
105
−55
−15
45
85
125
130
125
120
115
110
105
100
95
90
85
Ambient Temperature Ta (
°C)
Voltage Gain vs.
Ambient Temperature Characteristics
−35
5
25
65
105
010
20
30
40
30
25
20
15
10
5
0
Power-Supply Voltage VCC (V)
Output Sink Current vs.
Power-Supply Voltage Characteristics
010
20
30
40
130
120
110
100
90
80
70
Power-Supply Voltage VCC (V)
Voltage Gain vs.
Power-Supply Voltage Characteristics
VCC = 5 V
Vin(
−) = 1 V
Vin(+) = 0
Vout = 1.5 V
VCC = 5 V
RL = 15 kΩ
Ta = 25
°C
RL = 15 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com