Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA17901AFP Datasheet HTML 2Page - Renesas Technology Corp HA17901AFP Datasheet HTML 3Page - Renesas Technology Corp HA17901AFP Datasheet HTML 4Page - Renesas Technology Corp HA17901AFP Datasheet HTML 5Page - Renesas Technology Corp HA17901AFP Datasheet HTML 6Page - Renesas Technology Corp HA17901AFP Datasheet HTML 7Page - Renesas Technology Corp HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp HA17901AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 6 of 15
4. Voltage gain (AV) test circuit (RL = 15 k
Ω)
+
+
−
−
VCC
RL 15k
VO
50
50
10
µ
Vin
30k
20k
20k
10k
+V
−V
AV = 20 log
VO1 − VO2
VIN1 − VIN2
(dB)
5. Response time (tR) test circuit
−
+
VCC
VO
RL 5.1k
12V
SW
120k
50
30k
50
P.G
Vin
+V
24k
VR
5 k
−V
tR: RL = 5.1 k
Ω, a 100 mV input step voltage that has a 5 mV overdrive
 With V
IN not applied, set the switch SW to the off position and adjust VR so that VO is in the vicinity of 1.4 V.
 Apply V
IN and turn the switch SW on.
90%
10%
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com