Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA17901AFP Datasheet HTML 1Page - Renesas Technology Corp HA17901AFP Datasheet HTML 2Page - Renesas Technology Corp HA17901AFP Datasheet HTML 3Page - Renesas Technology Corp HA17901AFP Datasheet HTML 4Page - Renesas Technology Corp HA17901AFP Datasheet HTML 5Page - Renesas Technology Corp HA17901AFP Datasheet HTML 6Page - Renesas Technology Corp HA17901AFP Datasheet HTML 7Page - Renesas Technology Corp HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev.1.00 Mar 10, 2006 page 1 of 15
HA17901A Series
Quadruple Comparators
REJ03D0806-0100
Rev.1.00
Mar 10, 2006
Description
The HA17901A series products are comparators designed for general purpose, especially for power control systems.
These ICs operate from a single power-supply voltage over a wide range of voltages, and feature a reduced power-
supply current since the supply current is independent of the supply voltage.
These comparators have the merit which ground is included in the common-mode input voltage range at a single-
voltage power supply operation. These products have a wide range of applications, including limit comparators, simple
A/D converters, pulse/square-wave/time delay generators, wide range VCO circuits, MOS clock timers, multivibrators,
and high-voltage logic gates.
Features
• Wide power-supply voltage range : 2 to 36 V
• Very low supply current
: 0.8 mA Typ.
• Low input bias current
: 25 nA Typ.
• Low input offset current
: 5 nA Typ.
• Low input offset voltage
: 2 mV Typ.
• The common-mode input voltage range includes ground
• Output voltages compatible with CMOS logic systems


Similar Part No. - HA17901AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
Quadruple Comparators
More results

Similar Description - HA17901AFP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
Quadruple Comparators
logo
Texas Instruments
TLC374 TI-TLC374 Datasheet
771Kb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
Quadruple Comparators
HA17901 RENESAS-HA17901 Datasheet
282Kb / 13P
Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
Quadruple Differential Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
Quadruple Comparators
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
Quadruple Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com