Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901AFP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HA17901AFP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AFP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HA17901AFP Datasheet HTML 8Page - Renesas Technology Corp HA17901AFP Datasheet HTML 9Page - Renesas Technology Corp HA17901AFP Datasheet HTML 10Page - Renesas Technology Corp HA17901AFP Datasheet HTML 11Page - Renesas Technology Corp HA17901AFP Datasheet HTML 12Page - Renesas Technology Corp HA17901AFP Datasheet HTML 13Page - Renesas Technology Corp HA17901AFP Datasheet HTML 14Page - Renesas Technology Corp HA17901AFP Datasheet HTML 15Page - Renesas Technology Corp HA17901AFP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 14 of 15
Package Dimensions
( Ni/Pd/Au plating )
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
0°
15°
20.32
7.4
0.40
0.48
2.39
2.54
8
14
7
1
p
3
1
b
D
e
Z
b
c
e
θ
P-DIP14-6.3x19.2-2.54
0.97g
MASS[Typ.]
DP-14AV
PRDP0014AB-B
RENESAS Code
JEITA Package Code
Previous Code
1.42
0.15
1.27
7.50
8.00
0.40
0.34
A1
10.5
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8°
0°
0.12
1.15
10.06
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
L
A
Index mark
1
*1
7
14
8
F
*3
p
M
x
y
D
Z
b
p
Terminal cross section
( Ni/Pd/Au plating )
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP14-5.5x10.06-1.27
0.23g
MASS[Typ.]
FP-14DAV
PRSP0014DF-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com