Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 45Page - Renesas Technology Corp 38K2 Datasheet HTML 46Page - Renesas Technology Corp 38K2 Datasheet HTML 47Page - Renesas Technology Corp 38K2 Datasheet HTML 48Page - Renesas Technology Corp 38K2 Datasheet HTML 49Page - Renesas Technology Corp 38K2 Datasheet HTML 50Page - Renesas Technology Corp 38K2 Datasheet HTML 51Page - Renesas Technology Corp 38K2 Datasheet HTML 52Page - Renesas Technology Corp 38K2 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 30 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
USB Interrupt Function
USB Interrupt Control Circuit (USBINTCON) has 3 requests and
22 USB-device interrupt request sources. Each interrupt source
register enables the user to easily determine which interrupt has
occurred.
Table 7 shows the list of USB interrupt sources.
Table 7 USB interrupt sources
Interrupt request bit
(IREQ1: Address 003C16)
USB bus reset
USB interrupt bit
(USBIREQ: Address 001716)
—
Interrupt source
At USB bus reset signal detection:
After enabling the USB module (USBE = “1”), an interrupt request occurs
when 2.5
µs SE0 state is detected in D0+/D0- port.
(Equivalent to 120-clock length when fUSB = 48 MHz)
At SOF packet receive:
After enabling the USB module (USBE = “1”), an interrupt request occurs
when SOF packet is detected in D0+/D0- port.
Its occurrence does not depend on frame-time or CRC value after SOF
packet is transferred.
(Normally, SOF packet detection occurs only when fUSB = 48 MHz)
At Endpoint 00 data transfer complete:
•Buffer ready (read/write enabled state)
•Control transfer completed
•Status stage transition
•SETUP buffer ready (read enabled state)
•Control transfer error
At Endpoint 01 data transfer complete:
•Buffer 0 ready (read/write enabled state)
•Buffer 1 ready (read/write enabled state)
•Transfer error
At Endpoint 02 data transfer complete:
•Buffer 0 ready (read/write enabled state)
•Buffer 1 ready (read/write enabled state)
•Transfer error
At Endpoint 03 data transfer complete:
•Buffer 0 ready (read/write enabled state)
•Buffer 1 ready (read/write enabled state)
•Transfer error
At Endpoint 10 data transfer complete:
•Buffer ready (read/write enabled state)
•Control transfer completed
•Status stage transition
•SETUP buffer ready (read enabled state)
•Control transfer error
At Endpoin 11 data transfer complete:
•Buffer 0 ready (write enabled state)
At suspend signal detection:
After enabling the USB module (USBE = “1”), an interrupt request occurs
when 3 ms J state is detected in D0+/D0- port.
(Equivalent to 144,000 clock-length when fUSB = 48MHz)
At resume signal detection:
After enabling the USB module (USBE = “1”) and resume interrupt (RSME
= “1”), an interrupt request occurs when a bus state change (J state to
SE0 or K state) is detected in D0- port.
USB SOF
—
USB device
EP00
EP01
EP02
EP03
EP10
EP11
SUS
RSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com