Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 17Page - Renesas Technology Corp 38K2 Datasheet HTML 18Page - Renesas Technology Corp 38K2 Datasheet HTML 19Page - Renesas Technology Corp 38K2 Datasheet HTML 20Page - Renesas Technology Corp 38K2 Datasheet HTML 21Page - Renesas Technology Corp 38K2 Datasheet HTML 22Page - Renesas Technology Corp 38K2 Datasheet HTML 23Page - Renesas Technology Corp 38K2 Datasheet HTML 24Page - Renesas Technology Corp 38K2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 358 page
background image
Rev.2.00
Oct 15, 2006
page 2 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
Package type : PLQP0064GA-A (64P6U-A)/PLQP0064KB-A (64P6Q-A)
Fig. 1 Pin configuration of 38K2 group
PIN CONFIGURATION (TOP VIEW)
DESCRIPTION
The 38K2 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 38K2 group has the USB function, an 8-bit bus interface, a
Serial Interface, three 8-bit timers, and an 8-channel 10-bit A/D
converter, which are available for the PC peripheral I/O device.
The various microcomputers in the 38K2 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
FEATURES
•Basic machine-language instructions ....................................... 71
•The minimum instruction execution time .......................... 0.25 µs
(at 8 MHz system clock✻)
System clock✻: Reference frequency to internal circuit except
USB function
•Memory size
ROM ................................................................ 16 K to 32 K bytes
RAM ............................................................... 1024 to 2048 bytes
•Programmable input/output ports ............................................. 44
•Software pull-up resistors
•Interrupts .................................................. 16 sources, 16 vectors
•USB function (Full-Speed USB2.0 specification) ...... 4 endpoints
•USB HUB function (Full-Speed USB2.0 specification) .... 2 down ports
•External bus interface ....................................... 8-bit ✕ 1 channel
•Timers ............................................................................. 8-bit ✕ 3
•Watchdog timer ............................................................. 16-bit ✕ 1
•Serial Interface
Serial I/O ...................... 8-bit ✕ 1 (UART or Clock-synchronized)
•A/D converter ................................................ 10-bit ✕ 8 channels
(8-bit reading available)
•LED direct drive port ................................................................... 4
•Clock generating circuit
(connect to external ceramic resonator or quartz-crystal oscillator)
•Power source voltage (L version)
System clock/Internal clock division mode
At 12 MHz/2-divide mode(
φ = 6 MHz) ................... 4.00 to 5.25 V
At 8 MHz/Through mode (
φ = 8 MHz) ................... 4.00 to 5.25 V
At 6 MHz/Through mode (
φ = 6 MHz) ................... 3.00 to 5.25 V
•Power dissipation
At 5 V power source voltage .................................. 125 mW (typ.)
(at 8 MHz system clock, in through mode)
At 3.3 V power source voltage ................................ 30 mW (typ.)
(at 6 MHz system clock, in through mode)
•Operating temperature range .................................... –20 to 85°C
•Packages
FP ............................ PLQP0064GA-A (64-pin 14 ✕ 14 mm LQFP)
HP ............................ PLQP0064KB-A (64-pin 10 ✕ 10 mm LQFP)
32
31
30
29
28
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
27
64
TrON
D2+
D2-
D1+
D1-
D0-
D0+
USBVREF
DVCC
PVCC
PVSS
P10/DQ0/AN0
P06
P07
P40/EXDREQ/RXD
P11/DQ1/AN1
P61(LED1)
P62(LED2)
P63(LED3)
P41/EXDACK/TXD
P42/EXTC/SCLK
P43/EXA1/SRDY
P30
P31
P32
P33/EXINT
P34/EXCS
P35/EXWR
P36/EXRD
P37/EXA0
P24
P25
M38K27M4L-XXXFP/HP
M38K29F8LFP/HP
DESCRIPTION/FEATURES/PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com