Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 49Page - Renesas Technology Corp 38K2 Datasheet HTML 50Page - Renesas Technology Corp 38K2 Datasheet HTML 51Page - Renesas Technology Corp 38K2 Datasheet HTML 52Page - Renesas Technology Corp 38K2 Datasheet HTML 53Page - Renesas Technology Corp 38K2 Datasheet HTML 54Page - Renesas Technology Corp 38K2 Datasheet HTML 55Page - Renesas Technology Corp 38K2 Datasheet HTML 56Page - Renesas Technology Corp 38K2 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 34 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
Fig. 33 Structure of USB function address register
Fig. 34 Structure of USB HUB address register
Fig. 35 Structure of Frame number register Low
Fig. 36 Structure of Frame number register High
b7
b0
USB function address bit
Not used
USBADD0
[6:0]
b7
0
–
0
–
USB function address register (USBA0) [address 001216]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
In AD0E = “0”, this value changes after writing.
In AD0E = “1”, this value changes after completion of
SET_ADDRESS control transferring.
Write “0” when writing.
“0” is read when reading.
0
W
R
b7
b0
USB HUB address bit
Not used
USBADD1
[6:0]
b7
0
–
0
–
USB HUB address register (USBA1) [address 001316]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
In AD1E = “0”, this value changes after writing.
In AD1E = “1”, this value changes after completion of
SET_ADDRESS control transferring.
Write “0” when writing.
“0” is read when reading.
0
W
R
b7
b0
Frame number low bit
FNUM
[7:0]
In-
definite
In-
definite
Frame number register Low (FNUML) [address 001416]
The frame number is updated at SOF reception.
Bit name
Bit symbol
At reset
Function
H/W
S/W
O ✕
W
R
b7
b0
FNUM
[10:8]
b7:b3
Frame number register High (FNUMH) [address 001516]
In-
definite
–
In-
definite
–
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
Frame number high bit
Not used
The frame number is updated at SOF reception.
Write “0” when writing.
“0” is read when reading.
✕
O
–: State remaining
00
0
0
0
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com