Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 73Page - Renesas Technology Corp 38K2 Datasheet HTML 74Page - Renesas Technology Corp 38K2 Datasheet HTML 75Page - Renesas Technology Corp 38K2 Datasheet HTML 76Page - Renesas Technology Corp 38K2 Datasheet HTML 77Page - Renesas Technology Corp 38K2 Datasheet HTML 78Page - Renesas Technology Corp 38K2 Datasheet HTML 79Page - Renesas Technology Corp 38K2 Datasheet HTML 80Page - Renesas Technology Corp 38K2 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 58 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
HUB FUNCTION
The 38K2 Group has a HUB Function Control Circuit (HUBFCC)
that offers easy implementation of USB-hub functions (signal re-
peat and bus state detection). This circuit is in compliance with
USB Specification Version 2.0 Full-Speed/Low-Speed Transfer
Modes (12 Mbps/1.5 Mbps, equivalent to Version 1.1).
The HUBFCC operates with two external down-ports and one in-
ternal down-port, which is utilized by the USB addresses of the
built-in peripherals, enabling management of a total of three down-
ports independently.
A dedicated circuit automatically performs the bus state change
detection and error detection needed for the sequence manage-
ment of the hub repeater circuit, data repeat function, and
down-port status management. This dedicated control circuit en-
sures the user easy development of a program or timing design.
Fig. 87 HUB functions
CPU
Internal down-
port
External down-port
(USB device)
38K2 Group
USB
HUB
Up-port
(USB host)
External down-port
(USB device)
Each down-port register can be controlled by USB commands us-
ing USB addresses for HUB functions or detecting changes in the
bus state of down-ports. The HUBFCC is also equipped with a re-
mote wakeup signal transfer function for use during global resume
as other special signals management. The HUBFCC generates an
interrupt to the CPU when detecting a down-port state change (1
vector, 10 sources).
The flexibility of the indispensable yet wide-ranging HUBFCC
structure and an external interrupt function and I/O ports imple-
mented in the standard features of this MCU enable the power
supply management essential for USB-HUB functions and also al-
low users to easily and effortlessly configure their optimum
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com