Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 78Page - Renesas Technology Corp 38K2 Datasheet HTML 79Page - Renesas Technology Corp 38K2 Datasheet HTML 80Page - Renesas Technology Corp 38K2 Datasheet HTML 81Page - Renesas Technology Corp 38K2 Datasheet HTML 82Page - Renesas Technology Corp 38K2 Datasheet HTML 83Page - Renesas Technology Corp 38K2 Datasheet HTML 84Page - Renesas Technology Corp 38K2 Datasheet HTML 85Page - Renesas Technology Corp 38K2 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 63 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
HUB Related Registers
The HUB related registers are shown below.
Fig. 93 Structure of HUB interrupt source enable register
Fig. 94 Structure of HUB interrupt source register
b7
b0
DP1E
DP2E
b6:b2
HRWUE
0
0
–
0
–
–
–
–
HUB interrupt source enable register (HUBICON) [address 002816]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
HUB downstream port 1 interrupt
enable bit
HUB downstream port 2 interrupt
enable bit
Not used
HUB upstream port remote-
wakeup output enable bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
Write “0” when writing.
“0” is read when reading.
0 : Disabled
1 : Enabled
–: State remaining
00
00
0
W
R
b7
b0
DP1
DP2
b6:b2
HRWU
–
–
–
–
0
0
–
0
HUB interrupt source register (HUBIREQ) [address 002916]
Bit name
Bit symbol
At reset
Function
H/W
S/W
HUB downstream port 1
interrupt bit
HUB downstream port 1
interrupt bit
Not used
HUB upstream port remote
-wakeup output enable bit
This bit is set to “1” when any one of DP1 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing DP1 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of DP2 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing DP2 interrupt
source register to “0016”.
Writing to this bit causes no state change.
Write “0” when writing.
“0” is read when reading.
0 : Remote-wakeup being not output
1 : Remote-wakeup being output
This bit change is not for a interrupt source.
When detecting 2.5
µs or more of K-signal on a
downstream port in Hub-suspended state, K-signal is
output on from a upstream port and this bit is
simultaneously set to “1”.
“0” can be set by software, but “1” cannot be set.
O
O
O
O
✕
✕
O
O
–: State remaining
0
000
0
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com