Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 28Page - Renesas Technology Corp 38K2 Datasheet HTML 29Page - Renesas Technology Corp 38K2 Datasheet HTML 30Page - Renesas Technology Corp 38K2 Datasheet HTML 31Page - Renesas Technology Corp 38K2 Datasheet HTML 32Page - Renesas Technology Corp 38K2 Datasheet HTML 33Page - Renesas Technology Corp 38K2 Datasheet HTML 34Page - Renesas Technology Corp 38K2 Datasheet HTML 35Page - Renesas Technology Corp 38K2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 13 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
I/O PORTS
The I/O ports have direction registers which determine the input/
output direction of each individual pin. Each bit in a direction reg-
ister corresponds to one pin, and each pin can be set to be input
port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin be-
comes an output pin.
If data is read from a pin set to output, the value of the port output
latch is read, not the value of the pin itself. Pins set to input are
floating. If a pin set to input is written to, only the port output latch
is written to and the pin remains floating.
Table 5 I/O ports functions
Related SFRs
Port P0 pull-up control
register
AD control register
EXB control register
EXB control register
EXB control register
Serial I/O control
register
EXB control register
Serial I/O control
register
EXB control register
Serial I/O control
register
EXB control register
Serial I/O control
register
EXB control register
Port P5 pull-up control
register
Interrupt edge selection
register
Timer X mode register
Input/Output
Input/output,
individual bits
Name
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Pin
P00–P07
P10–P17
P24–P27
P30–P32
P33/ExINT
P34/ExCS
P35/ExWR
P36/ExRD
P37/ExA0
P40/RxD/
ExDREQ
P41/TxD/
ExDACK
P42/SCLK/
ExTC
P43/SRDY/
ExA1
P50/INT0
P52/INT1
P51/CNTR0
P53–P57
P60–P63
Non-Port Function
Key-on wake up
A/D conversion input
External bus interface
funciton I/O
External bus interface
funciton output
External bus interface
funciton input
Serial I/O input
External bus interface
funciton output
Serial I/O output
External bus interface
funciton input
Serial I/O I/O
External bus interface
funciton input
Serial I/O output
External bus interface
funciton input
External interrupt input
Timer X function I/O
I/O Format
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
(Power source is
VCCE)
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
(Power source is
VccE)
CMOS compatible
input level
CMOS 3-state output
Diagram No.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
Note: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction. When an input level is at an intermediate poten-
tial, a current will flow from VCC to VSS through the input-stage gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com