Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 21Page - Renesas Technology Corp 38K2 Datasheet HTML 22Page - Renesas Technology Corp 38K2 Datasheet HTML 23Page - Renesas Technology Corp 38K2 Datasheet HTML 24Page - Renesas Technology Corp 38K2 Datasheet HTML 25Page - Renesas Technology Corp 38K2 Datasheet HTML 26Page - Renesas Technology Corp 38K2 Datasheet HTML 27Page - Renesas Technology Corp 38K2 Datasheet HTML 28Page - Renesas Technology Corp 38K2 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 358 page
background image
Rev.2.00
Oct 15, 2006
page 6 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
GROUP EXPANSION
Mitsubishi plans to expand the 38K2 group as follows.
Memory Type
Support for mask ROM and flash memory versions.
Memory Size
Flash memory size .......................................................... 32 Kbytes
Mask ROM size ............................................................... 16 Kbytes
RAM size .......................................................... 1024 to 2048 bytes
Packages
PLQP0064GA-A ...................... 0.8 mm-pitch plastic molded LQFP
PLQP0064KB-A ....................... 0.5 mm-pitch plastic molded LQFP
100D0M ........................... 0.65 mm-pitch metal seal PIGGY BACK
Memory Expansion Plan
Fig. 4 Memory expansion plan
Currently products are listed below.
Table 2. List of 38K2 group products (L version)
As of October 2006
256
512
1,024
2,048
8K
16K
32K
60K
ROM size
(bytes)
RAM size (bytes)
M38K29F8L
: Mass Production
M38K27M4L
Remarks
Package
PLQP0064GA-A
PLQP0064KB-A
PLQP0064GA-A
PLQP0064KB-A
100D0M
Product
M38K27M4L-XXXFP
M38K27M4L-XXXHP
M38K29F8LFP
M38K29F8LHP
M38K29RFS
RAM size (bytes)
1024
2048
2048
16384
(16254)
ROM size (bytes)
ROM size for User in (
)
32768
(32638)
Mask ROM version
Flash memory version
—
GROUP EXPANSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com