Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38K2 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 81Page - Renesas Technology Corp 38K2 Datasheet HTML 82Page - Renesas Technology Corp 38K2 Datasheet HTML 83Page - Renesas Technology Corp 38K2 Datasheet HTML 84Page - Renesas Technology Corp 38K2 Datasheet HTML 85Page - Renesas Technology Corp 38K2 Datasheet HTML 86Page - Renesas Technology Corp 38K2 Datasheet HTML 87Page - Renesas Technology Corp 38K2 Datasheet HTML 88Page - Renesas Technology Corp 38K2 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 66 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
b7
b0
DSCONN1
DSPTEN1
DSSUSP1
DSDETE1
DSRSTO1
DSRSMO1
DSRMOD1
DSLSPD1
–
–
–
–
–
–
–
–
0
0
0
0
0
0
0
0
DP1 control register (DP1CON) [address 002C16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
Downstream port 1 connect bit
Downstream port 1 enable bit
Downstream port 1 suspend bit
Downstream port 1 connect-
state detection enable bit
Downstream port 1 SE0 signal
transmit bit
Downstream port 1 resume
signal transmit bit
Downstream port 1 bus-state
read mode control bit
Downstream port 1 USB transfer
0 : Disconnect ; PTCON1 interrupt enabled
1 : Connect ; PTDIS1 interrupt enabled
0 : Downstream port 1 disabled
1 : Downstream port 1 enabled ; This bit is cleared when
an interrupt of PTDIS1 or PTERR1 is generated.
0 : No port suspended
1 : Port suspended; This bit is cleared when an interrupt
of PTDIS1 or PTRSM1 is generated.
0 : Connect/disconnect-state detection disabled ; PTCON1
and PTDIS1 interrupts disabled
1 : Connect/disconnect-state detection enabled ; This bit
is cleared when an interrupt of PTCON1, PTDIS1 or
PTERR1 is generated.
0 : Being not output
1 : SE0 signal being output
0 : Being not output
1 : K-signal being output ; When writing “0”, a low-speed
EOP is output and then a transition to being not
output occurs.
0 : Mode where a downstream port 1 bus-state is read,
using RD signal
1 : Mode where a downstream port 1 bus-state is read,
using EOF2 signal (internal signal)
0 : Full-speed mode (12MHz)
1 : Low-speed mode (1.5 MHz)
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
–: State remaining
W
R
Fig. 97 Structure of DP1 control register
b7
b0
D1MINUS
D1PLUS
b7:b2
DP1 status register (DP1STS) [address 002D16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
–: State remaining
00
0
0
0
0
D1- signal bit
D1+ signal bit
Not used
In-
definite
In-
definite
–
In-
definite
In-
definite
–
O
O
O
✕
✕
O
In DSRMOD1 = “0”, a downstream port 1 bus-state is
read, using RD signal.
In DSRMOD1 = “1”, a downstream port 1 bus-state is
read, using EOF2 signal (internal signal).
In DSRMOD1 = “0”, a downstream port 1 bus-state is
read, using RD signal.
In DSRMOD1 = “1”, a downstream port 1 bus-state is
read, using EOF2 signal (internal signal).
Write “0” when writing.
“0” is read when reading.
W
R
Fig. 98 Structure of DP1 status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com