Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 365Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 366Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 367Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 368Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 369Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 370Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 371Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 372Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 317 of 1102
REJ09B0294-0100
Section 7 DMA Controller (DMAC)
This LSI includes a 4-channel DMA controller (DMAC).
7.1
Features
• Maximum of 4-G byte address space can be accessed
• Byte, word, or longword can be set as data transfer unit
• Maximum of 4-G bytes (4,294,967,295 bytes) can be set as total transfer size
Supports free-running mode in which total transfer size setting is not needed
• DMAC activation methods are auto-request, on-chip module interrupt, and external request.
Auto request:
CPU activates (cycle stealing or burst access can be selected)
On-chip module interrupt: Interrupt requests from on-chip peripheral modules can be selected
as an activation source
External request:
Low level or falling edge detection of the
DREQ signal can be
selected. External request is available for all four channels.
In block transfer mode, low level detection is only available.
• Dual or single address mode can be selected as address mode
Dual address mode: Both source and destination are specified by addresses
Single address mode: Either source or destination is specified by the
DREQ signal and the
other is specified by address
• Normal, repeat, or block transfer can be selected as transfer mode
Normal transfer mode:
One byte, one word, or one longword data is transferred at a
single transfer request
Repeat transfer mode:
One byte, one word, or one longword data is transferred at a
single transfer request
Repeat size of data is transferred and then a transfer address
returns to the transfer start address
Up to 65536 transfers (65,536 bytes/words/longwords) can be set
as repeat size
Block transfer mode:
One block data is transferred at a single transfer request
Up to 65,536 bytes/words/longwords can be set as block size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com