Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 83Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 84Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 85Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 86Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 87Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 88Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 89Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 90Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 35 of 1102
REJ09B0294-0100
2.5.5
Vector Base Register (VBR)
VBR is a 32-bit register in which the upper 20 bits are valid. The lower 12 bits of this register are
read as 0s. This register is a base address of the vector area for exception handlings other than a
reset and a CPU address error (extended memory indirect is also out of the target). The initial
value is H'00000000. The VBR contents are changed with the LDC and STC instructions.
2.5.6
Short Address Base Register (SBR)
SBR is a 32-bit register in which the upper 24 bits are valid. The lower eight bits are read as 0s. In
8-bit absolute address addressing mode (@aa:8), this register is used as the upper address. The
initial value is H'FFFFFF00. The SBR contents are changed with the LDC and STC instructions.
2.5.7
Multiply-Accumulate Register (MAC)
MAC is a 64-bit register that stores the results of multiply-and-accumulate operations. It consists
of two 32-bit registers denoted MACH and MACL. The lower 10 bits of MACH are valid; the
upper bits are sign extended. The MAC contents are changed with the MAC, CLRMAC, LDMAC,
and STMAC instructions.
2.5.8
Initial Values of CPU Registers
Reset exception handling loads the start address from the vector table into the PC, clears the T bit
in EXR to 0, and sets the I bits in CCR and EXR to 1. The general registers, MAC, and the other
bits in CCR are not initialized. In particular, the initial value of the stack pointer (ER7) is
undefined. The SP should therefore be initialized using an MOV.L instruction executed
immediately after a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com