Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 58Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 59Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 60Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 61Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 62Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 63Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1158 page
background image
Section 1 Overview
Rev.1.00 Jun. 07, 2006 Page 10 of 1102
REJ09B0294-0100
Classification
Abbreviation
Pin No.
(FP-144LV)
I/O
Description
System control
RES
91
Input
Reset signal input pin. This LSI enters the
reset state when this signal goes low.
STBY
102
Input
This LSI enters hardware standby mode when
this signal goes low.
EMLE
39
Input
Input pin for on-chip emulator enable signal. If
the on-chip emulator is used, the signal level
should be fixed high. If the on-chip emulator is
not used, the signal level should be fixed low.
TRST
109
Input
TMS
111
Input
TDI
113
Input
TCK
114
Input
On-chip
emulator
TDO
95
Output
On-chip emulator pins. When the EMLE pin is
driven high, these pins are dedicated for the
on-chip emulator.
Address bus
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
11
12
13
14
15
17
18
19
20
21
22
24
26
27
28
29
30
31
33
34
35
36
37
38
Output Output pins for the addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com