Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 60Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 61Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 62Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 63Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 66Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 67Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 1158 page
background image
Section 1 Overview
Rev.1.00 Jun. 07, 2006 Page 12 of 1102
REJ09B0294-0100
Classification
Abbreviation
Pin No.
(FP-144LV)
I/O
Description
Bus control
LUB
138
Output Strobe signal which indicates that the upper
byte (D15 to D8) is valid when accessing the
byte control SRAM interface space.
LLB
137
Output Strobe signal which indicates that the lower
byte (D7 to D0) is valid when accessing the
byte control SRAM interface space.
CS0
CS1
CS2-A/CS2-B
CS3-A
CS4-A/CS4-B
CS5-A/CS5-B
CS6-A/CS6-B/CS6-D
CS7-A/CS7-B
144
1
2/1
3
144/130
1/144
2/1/132
3/1
Output Select signals for areas 7 to 0.
WAIT
136
Input
Requests wait cycles when accessing the
external space.
RAS
2
Output
•
Row address strobe signal for DRAM
when area 2 is specified as DRAM
interface space.
•
Row address strobe signal when area 2 is
specified as synchronous DRAM interface
space.
CAS
3
Output Column address strobe signal when area 2 is
specified as synchronous DRAM interface
space.
WE
130
Output
•
Write enable signal for DRAM space.
•
Write enable signal when area 2 is
specified as synchronous DRAM interface
space.
OE/CKE
131
Output
•
Output enable signal for DRAM interface
space.
•
Clock enable signal for synchronous
DRAM interface space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com