Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 85Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 86Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 87Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 88Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 89Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 90Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 91Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 92Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 37 of 1102
REJ09B0294-0100
2.6.2
Memory Data Formats
Figure 2.13 shows the data formats in memory.
The H8SX CPU can access word data and longword data which are stored at any addresses in
memory. When word data begins at an odd address or longword data begins at an address other
than a multiple of 4, a bus cycle is divided into two or more accesses. For example, when
longword data begins at an odd address, the bus cycle is divided into byte, word, and byte
accesses. In this case, these accesses are assumed to be individual bus cycles.
However, instructions to be fetched, word and longword data to be accessed during execution of
the stack manipulation, branch table manipulation, block transfer instructions, and MAC
instruction should be located to even addresses.
When SP (ER7) is used as an address register to access the stack, the operand size should be word
size or longword size.
7
654
3
2
10
70
MSB
LSB
MSB
LSB
MSB
LSB
Data Type
Data Format
1-bit data
Byte data
Word data
Longword data
Address
Address L
Address L
Address 2M
Address 2M + 1
Address 2N
Address 2N + 1
Address 2N + 2
Address 2N + 3
Figure 2.13 Memory Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com