Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 71Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 72Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 73Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 74Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 75Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 76Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 77Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 78Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 23 of 1102
REJ09B0294-0100
2.2
CPU Operating Modes
The H8SX CPU has four operating modes: normal, middle, advanced and maximum modes. For
details on mode settings, see section 3.1, Operating Mode Selection.
CPU operating modes
Normal mode
Maximum mode
Maximum 64 kbytes for program
and data areas combined
Maximum 4 Gbytes for program
and data areas combined
Maximum 16-Mbyte program
area and 64-kbyte data area,
maximum 16 Mbytes for program
and data areas combined
Maximum 16-Mbyte program
area and 4-Gbyte data area,
maximum 4 Gbytes for program
and data areas combined
Advanced mode
Middle mode
Figure 2.1 CPU Operating Modes
2.2.1
Normal Mode
The exception vector table and stack have the same structure as in the H8/300 CPU.
Note: Normal mode is not supported in this LSI.
• Address Space
The maximum address space of 64 kbytes can be accessed.
• Extended Registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers, or as the upper 16-bit
segments of 32-bit registers. When the extended register En is used as a 16-bit register it can
contain any value, even when the corresponding general register Rn is used as an address
register. (If the general register Rn is referenced in the register indirect addressing mode with
pre-/post-increment or pre-/post-decrement and a carry or borrow occurs, however, the value in
the corresponding extended register En will be affected.)
• Instruction Set
All instructions and addressing modes can be used. Only the lower 16 bits of effective
addresses (EA) are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com