Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 66Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 67Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 68Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 69Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 70Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 71Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1158 page
background image
Section 1 Overview
Rev.1.00 Jun. 07, 2006 Page 16 of 1102
REJ09B0294-0100
Classification
Abbreviation
Pin No.
(FP-144LV)
I/O
Description
SCL0, SCL1
101, 94
Input/
output
Input/output pin for IIC clock. Bus can be
directly driven by the NMOS open drain output.
I
2C bus interface
2 (IIC2)
SDA0, SDA1
100, 93
Input/
output
Input/output pin for IIC data. Bus can be
directly driven by the NMOS open drain output.
USD
+
43
USD
−
44
Input/
output
Input/output pin for USB data
Universal Serial
Bus Interface
(USB)
VBUS
46
Input
Pin for monitoring USB cable connection
A/D converter
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
128
127
126
124
122
120
119
118
Input
Input pins for the analog signals for the A/D
converter.
ADTRG0
87
Input
Input pin for the external trigger signal to start
A/D conversion.
D/A converter
DA1
DA0
128
127
Output Output pins for the analog signals for the D/A
converter.
A/D converter,
D/A converter
AV
CC
121
Input
Analog power supply pin for the A/D and D/A
converters. When the A/D and D/A converters
are not in use, connect to the system power
supply.
AV
SS
123
Input
Ground pin for the A/D and D/A converters.
Connect to the system power supply (0 V).
Vref
125
Input
Reference power supply pin for the A/D and
D/A converters. When the A/D and D/A
converters are not in use, connect to the
system power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com