Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 50Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 51Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 52Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 53Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 54Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 55Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 56Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 57Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 1158 page
background image
Section 1 Overview
Rev.1.00 Jun. 07, 2006 Page 2 of 1102
REJ09B0294-0100
Package
Code
Body Size
Pin Pitch
LQFP-144
FP-144LV
*
20.0
× 20.0 mm
0.50 mm
Note:
*
Pb-free version
1.2
Block Diagram
External bus
[Legend]
CPU:
DTC:
BSC:
DMAC:
WDT:
TMR:
Central processing unit
Data transfer controller
Bus controller
DMA controller
Watchdog timer
8-bit timer
16-bit timer pulse unit
Programmable pulse generator
Serial communication interface
Universal Serial Bus Interface
I2C Bus Interface 2
32K timer
TPU:
PPG:
SCI:
USB:
IIC2:
TM32K:
Interrupt
controller
H8SX
CPU
RAM
ROM
DTC
Main clock
oscillator
Subclock
oscillator
BSC
DMAC
× 4 channels
TMR (unit 1)
× 2 channels
TMR (unit 0)
× 2 channels
TMR (unit 3)
× 2 channels
TMR (unit 2)
× 2 channels
PPG
TPU
× 6 channels
A/D converter
IIC2
× 2 channels
D/A converter
SCI
× 6 channels
USB
TM32K
Port 1
Port 2
Port 5
Port 3
Port 6
Port A
Port B
Port D
Port C
Port E
Port F
Port H
Port I
Port M
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com