Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 59Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 60Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 61Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 62Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 63Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 64Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 65Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 66Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1158 page
background image
Section 1 Overview
Rev.1.00 Jun. 07, 2006 Page 11 of 1102
REJ09B0294-0100
Classification
Abbreviation
Pin No.
(FP-144LV)
I/O
Description
Data bus
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
83
82
81
80
78
77
76
75
73
72
71
70
68
67
66
65
Input/
output
Bidirectional data bus. These pins also output
addresses when accessing the address/data
multiplexed I/O interface space.
Bus control
BREQ
136
Input
External bus masters request the bus by this
signal.
BREQO
134
Output The internal bus masters request the bus to
access the external space in the external bus
released state.
BACK
135
Output Bus acknowledge signal which indicates that
the bus has been released.
BS-A/BS-B
134/140
Output Indicates the start of a bus cycle.
AS
140
Output Strobe signal which indicates that the output
address on the address bus is valid when
accessing the basic bus interface or byte
control SRAM interface space.
AH
140
Output This signal is used to hold the address when
accessing the address/data multiplexed I/O
interface space.
RD
139
Output Strobe signal to indicates that the basic bus
interface space is being read from.
RD/
WR-A/RD/WR-B 135/132
Output Indicates the direction (input/output) of the
data bus.
LHWR
138
Output Strobe signal which indicates that the upper
byte (D15 to D8) is valid when accessing the
basic bus interface space.
LLWR
137
Output Strobe signal which indicates that the lower
byte (D7 to D0) is valid when accessing the
basic bus interface space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com