Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 387Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 388Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 389Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 390Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 391Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 392Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 393Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 394Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 339 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
12
11
10
9
8
SARA4
SARA3
SARA2
SARA1
SARA0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Source Address Extended Repeat Area
Specify the extended repeat area on the source address
(DSAR). With the extended repeat area, the specified
lower address bits are updated and the remaining upper
address bits are fixed. The extended repeat area size is
specified from four bytes to 128 Mbytes in units of byte
and a power of 2.
When the lower address is overflowed from the
extended repeat area by address update, the address
becomes the start address and the end address of the
area for address addition and subtraction, respectively.
When an overflow in the extended repeat area occurs
with the SARIE bit set to 1, an interrupt can be
requested. Table 7.3 shows the settings and areas of
the extended repeat area.
7
DARIE
0
R/W
Destination Address Extended Repeat Area Overflow
Interrupt Enable
Enables/disables an interrupt request for an extended
area overflow on the destination address.
When an extended repeat area overflow on the
destination address occurs while this bit is set to 1, the
DTE bit in DMDR is cleared to 0. At this time, the ESIF
bit in DMDR is set to 1 to indicate an interrupt by an
extended repeat area overflow on the destination
address is requested.
When block transfer mode is used with the extended
repeat area function, an interrupt is requested after
completion of a 1-block size transfer. When setting the
DTE bit in DMDR of the channel for which the transfer
has been stopped to 1, the transfer is resumed from the
state when the transfer is stopped.
When the extended repeat area is not specified, this bit
is ignored.
0: Disables an interrupt request for an extended area
overflow on the destination address
1: Enables an interrupt request for an extended area
overflow on the destination address
6, 5
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com