Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 395Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 396Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 397Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 398Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 399Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 400Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 401Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 402Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 347 of 1102
REJ09B0294-0100
7.5.2
Transfer Modes
(1) Normal Transfer Mode
In normal transfer mode, one data access size of data is transferred at a single transfer request. Up
to 4 Gbytes can be specified as a total transfer size by DTCR. DBSR is ignored in normal transfer
mode.
The
TEND signal is output only in the last DMA transfer. The DACK signal is output every time a
transfer request is received and a transfer starts.
Figure 7.7 shows an example of the signal timing in normal transfer mode and figure 7.8 shows
the operation in normal transfer mode.
Read
Write
Read
Write
DMA transfer
cycle
Last DMA
transfer cycle
Bus cycle
Auto request transfer in dual address mode:
External request transfer in single address mode:
TEND
DMA
DMA
DREQ
Bus cycle
DACK
Figure 7.7 Example of Signal Timing in Normal Transfer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com