Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 448Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 449Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 450Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 451Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 452Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 453Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 454Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 455Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 400 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
2
DM1
DM0
Undefined
Undefined
Destination Address Mode 1 and 0
Specify a DAR operation after a data transfer.
0X: DAR is fixed
(DAR writeback is skipped)
10: DAR is incremented after a transfer
(by 1 when Sz1 and Sz0 = B'00; by 2 when Sz1 and
Sz0 = B'01; by 4 when Sz1 and Sz0 = B'10)
11: SAR is decremented after a transfer
(by 1 when Sz1 and Sz0 = B'00; by 2 when Sz1 and
Sz0 = B'01; by 4 when Sz1 and Sz0 = B'10)
1, 0
Undefined
Reserved
The write value should always be 0.
[Legend]
X: Don't care
8.2.3
DTC Source Address Register (SAR)
SAR is a 32-bit register that designates the source address of data to be transferred by the DTC.
In full address mode, 32 bits of SAR are valid. In short address mode, the lower 24 bits of SAR is
valid and bits 31 to 24 are ignored. At this time, the upper eight bits are filled with the value of
bit 23.
If a word or longword access is performed while an odd address is specified in SAR or if a
longword access is performed while address 4n + 2 is specified in SAR, the bus cycle is divided
into multiple cycles to transfer data. For details, see section 8.5.1, Bus Cycle Division.
SAR cannot be accessed directly from the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com