Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 453Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 454Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 455Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 456Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 457Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 458Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 459Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 460Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 405 of 1102
REJ09B0294-0100
8.2.9
DTC Vector Base Register (DTCVBR)
DTCVBR is a 32-bit register that specifies the base address for vector table address calculation.
Bits 31 to 28 and bits 11 to 0 are fixed 0 and cannot be written to. The initial value of DTCVBR is
H'00000000.
Bit
Bit Name
Initial Value
R/W
31
0
R
30
0
R
29
0
R
28
0
R
27
0
R/W
26
0
R/W
25
0
R/W
24
0
R/W
23
0
R/W
22
0
R/W
21
0
R/W
20
0
R/W
19
0
R/W
18
0
R/W
17
0
R/W
16
0
R/W
Bit
Bit Name
Initial Value
R/W
15
0
R/W
14
0
R/W
13
0
R/W
12
0
R/W
11
0
R
10
0
R
9
0
R
8
0
R
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
0
R
1
0
R
0
0
R
8.3
Activation Sources
The DTC is activated by an interrupt request. The interrupt source is selected by DTCER. A DTC
activation source can be selected by setting the corresponding bit in DTCER; the CPU interrupt
source can be selected by clearing the corresponding bit in DTCER. At the end of a data transfer
(or the last consecutive transfer in the case of chain transfer), the activation source interrupt flag or
corresponding DTCER bit is cleared.
8.4
Location of Transfer Information and DTC Vector Table
Locate the transfer information in the data area. The start address of transfer information should be
located at the address that is a multiple of four (4n). Otherwise, the lower two bits are ignored
during access ([1:0] = B'00.) Transfer information can be located in either short address mode
(three longwords) or full address mode (four longwords). The DTCMD bit in SYSCR specifies
either short address mode (DTCMD = 1) or full address mode (DTCMD = 0). For details, see
section 3.2.2, System Control Register (SYSCR). Transfer information located in the data area is
shown in figure 8.2
The DTC reads the start address of transfer information from the vector table according to the
activation source, and then reads the transfer information from the start address. Figure 8.3 shows
correspondences between the DTC vector address and transfer information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com