Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 470Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 471Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 472Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 473Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 474Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 475Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 476Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 422 of 1102
REJ09B0294-0100
Table 8.10
Number of Cycles Required for Each Execution State
Object to be Accessed
On-Chip
RAM
On-Chip
ROM
On-Chip I/O
Registers
External Devices
Bus width
32
32
8
16
32
8
16
Access cycles
1
1
2
2
2
2
3
2
3
Vector read S
I
1
1
 
8
12 + 4m
4
6 + 2m
Transfer information read S
J
1
1
 
8
12 + 4m
4
6 + 2m
Execution
status
Transfer information write S
k
1
1
 
8
12 + 4m
4
6 + 2m
Byte data read S
L
1
1
2
2
2
2
3 + m
2
3 + m
Word data read S
L
1
1
4
2
2
4
4 + 2m
2
3 + m
Longword data read S
L
1
1
8
4
2
8
12 + 4m
4
6 + 2m
Byte data write S
M
1
1
2
2
2
2
3 + m
2
3 + m
Word data write S
M
1
1
4
2
2
4
4 + 2m
2
3 + m
Longword data write S
M
1
1
8
4
2
8
12 + 4m
4
6 + 2m
Internal operation S
N
1
[Legend]
m: Number of wait cycles 0 to 7 (For details, see section 6, Bus Controller (BSC).)
The number of execution cycles is calculated from the formula below. Note that
Σ means the sum
of all transfers activated by one activation event (the number in which the CHNE bit is set to 1,
plus 1).
Number of execution cycles = I • S
I + Σ (J
• S
J + K
• S
K + L
• S
L + M
• S
M) + N
• S
N
8.5.10
DTC Bus Release Timing
The DTC requests the bus mastership to the bus arbiter when an activation request occurs. The
DTC releases the bus after a vector read, transfer information read, a single data transfer, or
transfer information writeback. The DTC does not release the bus during transfer information
read, single data transfer, or transfer information writeback.
8.5.11
DTC Priority Level Control to the CPU
The priority of the DTC activation sources over the CPU can be controlled by the CPU priority
level specified by bits CPUP2 to CPUP0 in CPUPCR and the DTC priority level specified by bits
DTCP2 to DTCP0. For details, see section 5, Interrupt Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com