Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 483Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 484Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 429 of 1102
REJ09B0294-0100
Section 9 I/O Ports
Table 9.1 summarizes the port functions. The pins of each port also have other functions such as
input/output pins of on-chip peripheral modules or external interrupt input pins. Each I/O port
includes a data direction register (DDR) that controls input/output, a data register (DR) that stores
output data, a port register (PORT) used to read the pin states, and an input buffer control register
(ICR) that controls input buffer on/off. Port 5 does not have a DR or a DDR register.
Ports D to F, H, and I have internal input pull-up MOSs and a pull-up MOS control register (PCR)
that controls the on/off state of the input pull-up MOSs.
Ports 2 and F include an open-drain control register (ODR) that controls on/off of the output
buffer PMOSs.
All of the I/O ports can drive a single TTL load and capacitive loads up to 30 pF.
All of the I/O ports can drive Darlington transistors when functioning as output ports.
Port 2 and 3 are Schmitt-trigger input. Schmitt-trigger inputs for other ports are enabled when
used as the
IRQ, TPU, TMR, or IIC2 inputs.
Table 9.1
Port Functions
Function
Port
Description
Bit
I/O
Input
Output
Schmitt-
Trigger
Input*
1
Input
Pull-up
MOS
Function
Open-
Drain
Output
Function
Port 1
7
P17/SCL0
IRQ7-A/
TCLKD-B
IRQ7-A,
TCLKD-B,
SCL0
6
P16/SDA0
IRQ6-A/
TCLKC-B
DACK1-A
IRQ6-A,
TCLKC-B,
SDA0
General I/O port
also functioning
as interrupt inputs,
SCI I/Os, DMAC
I/Os, A/D
converter inputs,
TPU inputs, and
IIC2 I/Os
5
P15/SCL1
IRQ5-A/
TCLKB-B/
RxD5/
IrRXD
TEND1-A
IRQ5-A,
TCLKB-B,
SCL1
4
P14/SDA1
DREQ1-A/
IRQ4-A/
TCLKA-B
TxD5/
IrTxD
IRQ4-A,
TCLKA-B,
SDA1
3
P13
ADTRG0/
IRQ3-A
IRQ3-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com