Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 483Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 484Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 485Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 486Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 487Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 488Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 489Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 490Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 435 of 1102
REJ09B0294-0100
Function
Port
Description
Bit
I/O
Input
Output
Schmitt-
Trigger
Input*
1
Input
Pull-up
MOS
Function
Open-
Drain
Output
Function
7
PH7/D7*
2
O
Port H
6
PH6/D6*
2
5
PH5/D5*
2
General I/O port
also functioning
as bi-directional
data bus
4
PH4/D4*
2
3
PH3/D3*
2
2
PH2/D2*
2
1
PH1/D1*
2
0
PH0/D0*
2
7
PI7/D15*
2
O
Port I
6
PI6/D14*
2
5
PI5/D13*
2
General I/O port
also functioning
as bi-directional
data bus
4
PI4/D12*
2
3
PI3/D11*
2
2
PI2/D10*
2
1
PI1/D9*
2
0
PI0/D8*
2
7
Port M
6
5
General I/O port
also functioning
as SCI I/Os
4
PM4
3
PM3
2
PM2
1
PM1
RxD6
0
PM0
TxD6
Notes: 1. Pins without Schmitt-trigger input buffer have CMOS input buffer.
2. Addresses are also output when accessing to the address/data multiplexed I/O space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com