Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 561 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 561 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 557Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 558Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 559Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 560Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 561Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 562Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 563Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 564Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 565Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 1158 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev.1.00 Jun. 07, 2006 Page 509 of 1102
REJ09B0294-0100
10.3.2
Timer Mode Register (TMDR)
TMDR sets the operating mode for each channel. The TPU has six TMDR registers, one for each
channel. TMDR register settings should be made only while TCNT operation is stopped.
7
1
R
6
1
R
5
BFB
0
R/W
4
BFA
0
R/W
3
MD3
0
R/W
2
MD2
0
R/W
1
MD1
0
R/W
0
MD0
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 1
R
Reserved
These are read-only bits and cannot be modified.
5
BFB
0
R/W
Buffer Operation B
Specifies whether TGRB is to normally operate, or TGRB
and TGRD are to be used together for buffer operation.
When TGRD is used as a buffer register, TGRD input
capture/output compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRD, bit 5 is
reserved. It is always read as 0 and cannot be modified.
0: TGRB operates normally
1: TGRB and TGRD used together for buffer operation
4
BFA
0
R/W
Buffer Operation A
Specifies whether TGRA is to normally operate, or TGRA
and TGRC are to be used together for buffer operation.
When TGRC is used as a buffer register, TGRC input
capture/output compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRC, bit 4 is
reserved. It is always read as 0 and cannot be modified.
0: TGRA operates normally
1: TGRA and TGRC used together for buffer operation
3
2
1
0
MD3
MD2
MD1
MD0
0
0
0
0
R/W
R/W
R/W
R/W
Modes 3 to 0
Set the timer operating mode.
MD3 is a reserved bit. The write value should always be
0. See table 10.12 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com