Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 626 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 626 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 622Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 623Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 624Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 625Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 626Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 627Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 628Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 629Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 1158 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev.1.00 Jun. 07, 2006 Page 574 of 1102
REJ09B0294-0100
10.10
Usage Notes
10.10.1
Module Stop State Setting
Operation of the TPU can be disabled or enabled using the module stop control register. The initial
setting is for operation of the TPU to be halted. Register access is enabled by clearing module stop
state. For details, refer to section 23, Power-Down Modes.
10.10.2
Input Clock Restrictions
The input clock pulse width must be at least 1.5 states in the case of single-edge detection, and at
least 2.5 states in the case of both-edge detection. The TPU will not operate properly with a
narrower pulse width.
In phase counting mode, the phase difference and overlap between the two input clocks must be at
least 1.5 states, and the pulse width must be at least 2.5 states. Figure 10.45 shows the input clock
conditions in phase counting mode.
TCLKA
(TCLKC)
TCLKB
(TCLKD)
Overlap
Phase
difference
Pulse width
Note: Phase difference, Overlap
≥ 1.5 states
Pulse width
≥ 2.5 states
Pulse width
Phase
difference
Overlap
Pulse width
Pulse width
Figure 10.45 Phase Difference, Overlap, and Pulse Width in Phase Counting Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com