Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 639 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 639 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 635Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 636Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 637Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 638Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 639Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 640Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 641Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 642Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 1158 page
background image
Section 11 Programmable Pulse Generator (PPG)
Rev.1.00 Jun. 07, 2006 Page 587 of 1102
REJ09B0294-0100
11.3.2
Output Data Registers H, L (PODRH, PODRL)
PODRH and PODRL store output data for use in pulse output. A bit that has been set for pulse
output by NDER is read-only and cannot be modified.
• PODRH
7
POD15
0
R/W
6
POD14
0
R/W
5
POD13
0
R/W
4
POD12
0
R/W
3
POD11
0
R/W
2
POD10
0
R/W
1
POD9
0
R/W
0
POD8
0
R/W
Bit
Bit Name
Initial Value
R/W
• PODRL
7
POD7
0
R/W
6
POD6
0
R/W
5
POD5
0
R/W
4
POD4
0
R/W
3
POD3
0
R/W
2
POD2
0
R/W
1
POD1
0
R/W
0
POD0
0
R/W
Bit
Bit Name
Initial Value
R/W
• PODRH
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
POD15
POD14
POD13
POD12
POD11
POD10
POD9
POD8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Data Register 15 to 8
For bits which have been set to pulse output by NDERH,
the output trigger transfers NDRH values to this register
during PPG operation. While NDERH is set to 1, the CPU
cannot write to this register. While NDERH is cleared, the
initial output value of the pulse can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com