Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 648 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 648 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 644Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 645Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 646Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 647Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 648Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 649Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 650Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 651Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 652Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 1158 page
background image
Section 11 Programmable Pulse Generator (PPG)
Rev.1.00 Jun. 07, 2006 Page 596 of 1102
REJ09B0294-0100
11.4.3
Example of Normal Pulse Output (Example of 5-Phase Pulse Output)
Figure 11.5 shows an example in which pulse output is used for cyclic 5-phase pulse output.
TCNT value
TCNT
TGRA
H'0000
NDRH
00
80
C0
40
60
20
30
10
18
08
88
PODRH
PO15
PO14
PO13
PO12
PO11
Time
Compare match
C0
80
C0
80
40
60
20
30
10
18
08
88
80
C0
40
Figure 11.5 Normal Pulse Output Example (5-Phase Pulse Output)
1. Set up TGRA in TPU which is used as the output trigger to be an output compare register. Set
a cycle in TGRA so the counter will be cleared by compare match A. Set the TGIEA bit in
TIER to 1 to enable the compare match/input capture A (TGIA) interrupt.
2. Write H'F8 to NDERH, and set bits G3CMS1, G3CMS0, G2CMS1, and G2CMS0 in PCR to
select compare match in the TPU channel set up in the previous step to be the output trigger.
Write output data H'80 in NDRH.
3. The timer counter in the TPU channel starts. When compare match A occurs, the NDRH
contents are transferred to PODRH and output. The TGIA interrupt handling routine writes the
next output data (H'C0) in NDRH.
4. 5-phase pulse output (one or two phases active at a time) can be obtained subsequently by
writing H'40, H'60, H'20, H'30, H'10, H'18, H'08, H'88... at successive TGIA interrupts.
If the DTC or DMAC is set for activation by the TGIA interrupt, pulse output can be obtained
without imposing a load on the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com