Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 683 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 683 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 679Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 680Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 681Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 682Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 683Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 684Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 685Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 686Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 687Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 683 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 631 of 1102
REJ09B0294-0100
12.8
Usage Notes
12.8.1
Notes on Setting Cycle
If the compare match is selected for counter clear, TCNT is cleared at the last state in the cycle in
which the values of TCNT and TCOR match. TCNT updates the counter value at this last state.
Therefore, the counter frequency is obtained by the following formula.
f =
φ / (N + 1 )
f:
Counter frequency
φ: Operating frequency
N: TCOR value
12.8.2
Conflict between TCNT Write and Counter Clear
If a counter clear signal is generated during the T
2 state of a TCNT write cycle, the clear takes
priority and the write is not performed as shown in figure 12.15.
P
φ
Address
TCNT address
Internal write signal
Counter clear signal
TCNT
N
H'00
T
1
T
2
TCNT write cycle by CPU
Figure 12.15 Conflict between TCNT Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com