Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 774 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 774 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 770Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 771Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 772Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 773Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 774Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 775Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 776Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 777Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 778Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 774 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 722 of 1102
REJ09B0294-0100
15.7
Operation in Smart Card Interface Mode
The SCI supports the smart card interface, supporting the ISO/IEC 7816-3 (Identification Card)
standard, as an extended serial communication interface function. Smart card interface mode can
be selected using the appropriate register.
15.7.1
Sample Connection
Figure 15.24 shows a sample connection between the smart card and this LSI. As in the figure,
since this LSI communicates with the smart card using a single transmission line, interconnect the
TxD and RxD pins and pull up the data transmission line to V
CC using a resistor. Setting the RE
and TE bits to 1 with the smart card not connected enables closed transmission/reception allowing
self diagnosis. To supply the smart card with the clock pulses generated by the SCI, input the SCK
pin output to the CLK pin of the smart card. A reset signal can be supplied via the output port of
this LSI. (In SCI_5 and SCI-6, the clock generated in SCI cannot be provided to smart cards.)
TxD
RxD
This LSI
VCC
I/O
Main unit of the device
to be connected
Smart card
Data line
CLK
RST
SCK
Rx (port)
Clock line
Reset line
Figure 15.24 Pin Connection for Smart Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com