Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 786 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 786 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 782Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 783Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 784Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 785Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 786Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 787Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 788Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 789Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 790Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 734 of 1102
REJ09B0294-0100
(1) Transmission
During transmission, the output signals from the SCI (UART frames) are converted to IR frames
using the IrDA interface (see figure 15.37).
For serial data of level 0, a high-level pulse having a width of 3/16 of the bit rate (1-bit interval) is
output (initial setting). The high-level pulse can be selected using the IrCKS2 to IrCKS0 bits in
IrCR.
The high-level pulse width is defined to be 1.41
µs at minimum and (3/16 + 2.5%) × bit rate or
(3/16
× bit rate) +1.08 µs at maximum. For example, when the frequency of system clock φ is 20
MHz, a high-level pulse width of 1.6 µs can be specified because it is the smallest value in the
range greater than 1.41 µs.
For serial data of level 1, no pulses are output.
UART frame
Data
IR frame
Data
000
0
0
11
1
1
1
00
0
0
0
11
1
1
1
Transmission
Reception
Bit
cycle
Pulse width is 1.6
µs to
3/16 bit cycle
Start
bit
Stop
bit
Stop
bit
Start
bit
Figure 15.37 IrDA Transmission and Reception
(2) Reception
During reception, IR frames are converted to UART frames using the IrDA interface before
inputting to SCI. 0 is output when the high level pulse is detected while 1 is output when no pulse
is detected during one bit period. Note that a pulse shorter than the minimum pulse width of 1.41
µs is also regarded as a 0 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com