Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 793 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 793 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 789Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 790Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 791Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 792Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 793Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 794Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 795Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 796Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 741 of 1102
REJ09B0294-0100
15.10.7
SCI Operations during Power-Down State
Transmission: Before specifying the module stop state or making a transition to software standby
mode, stop the transmit operations (TE = TIE = TEIE = 0). TSR, TDR, and SSR are reset. The
states of the output pins in the module stop state or in software standby mode depend on the port
settings, and the pins output a high-level signal after cancellation. If the transition is made during
data transmission, the data being transmitted will be undefined.
To transmit data in the same transmission mode after cancellation of the power-down state, set the
TE bit to 1, read SSR, write to TDR, clear TDRE in this order, and then start transmission. To
transmit data in a different transmission mode, initialize the SCI first.
Figure 15.39 shows a sample flowchart for transition to software standby mode during
transmission. Figures 15.40 and 15.41 show the port pin states during transition to software
standby mode.
Before specifying the module stop state or making a transition to software standby mode from the
transmission mode using DTC transfer, stop all transmit operations (TE = TIE = TEIE = 0).
Setting the TE and TIE bits to 1 after cancellation sets the TXI flag to start transmission using the
DTC.
Reception: Before specifying the module stop state or making a transition to software standby
mode, stop the receive operations (RE = 0). RSR, RDR, and SSR are reset. If transition is made
during data reception, the data being received will be invalid.
To receive data in the same reception mode after cancellation of the power-down state, set the RE
bit to 1, and then start reception. To receive data in a different reception mode, initialize the SCI
first.
For using the IrDA function, set the IrE bit in addition to setting the RE bit.
Figure 15.42 shows a sample flowchart for mode transition during reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com