Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 808 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 808 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 804Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 805Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 806Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 807Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 808Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 809Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 810Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 811Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 812Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 808 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 756 of 1102
REJ09B0294-0100
16.3.2
Interrupt Flag Register 1 (IFR1)
IFR1, together with interrupt flag registers 0 and 2 (IFR0 and IFR2), indicates interrupt status
information required by the application. When an interrupt source is generated, the corresponding
bit is set to 1. And then this bit, in combination with interrupt enable register 1 (IER1), generates
an interrupt request to the CPU. To clear, write 0 to the bit to be cleared and 1 to the other bits.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
VBUS MN
0
R
2
EP3 TR
0
R/W
1
EP3 TS
0
R/W
0
VBUSF
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
—
—
—
0
0
0
0
R
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
VBUS MN
0
R
This is a status bit which monitors the state of the
VBUS pin.
This bit reflects the state of the VBUS pin and
generates no interrupt request. This bit is always 0
when the PULLUP_E bit in DMA is 0.
2
EP3 TR
0
R/W
EP3 Transfer Request
This bit is set if there is no valid transmit data in the
FIFO buffer when an IN token for endpoint 3 is
received from the host. A NACK handshake is returned
to the host until data is written to the FIFO buffer and
packet transmission is enabled.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
1
EP3 TS
0
R/W
EP3 Transmit Complete
This bit is set when data is transmitted to the host from
endpoint 3 and an ACK handshake is returned.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com