Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 815 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 815 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 811Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 812Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 813Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 814Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 815Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 816Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 817Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 818Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 763 of 1102
REJ09B0294-0100
16.3.8
Interrupt Enable Register 1 (IER1)
IER1 enables the interrupt requests of interrupt flag register 1 (IFR1). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 1
(ISR1).
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
EP3 TR
0
R/W
1
EP3 TS
0
R/W
0
VBUSF
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
0
0
0
0
0
R
R
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
EP3 TR
0
R/W
EP3 Transfer Request
1
EP3 TS
0
R/W
EP3 Transmission Complete
0
VBUSF
0
R/W
USB Bus Connect
16.3.9
Interrupt Enable Register 2 (IER2)
IER2 enables the interrupt requests of interrupt flag register 2 (IFR2). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 2
(ISR2).
Bit
Bit Name
Initial Value
R/W
7
SSRSME
0
R/W
6
0
R
5
0
R
4
SURSE
0
R/W
3
CFDN
0
R/W
2
0
R
1
SETCE
0
R/W
0
SETIE
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com