Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 822 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 822 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 818Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 819Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 820Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 821Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 822Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 823Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 824Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 825Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 770 of 1102
REJ09B0294-0100
16.3.19
Data Status Register (DASTS)
DASTS indicates whether the transmit FIFO buffers contain valid data. A bit is set when data is
written to the corresponding FIFO buffer and the packet enable state is set, and cleared when all
data has been transmitted to the host.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
EP3 DE
0
R
4
EP2 DE
0
R
3
0
R
2
0
R
1
0
R
0
EP0i DE
0
R
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
0
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5
EP3 DE
0
R
EP3 Data Present
This bit is set when the endpoint 3 FIFO buffer
contains valid data.
4
EP2 DE
0
R
EP2 Data Present
This bit is set when the endpoint 2 FIFO buffer
contains valid data.
3
2
1
0
0
0
R
R
R
Reserved
These bits are always read as 0.
0
EP0i DE
0
R
EP0i Data Present
This bit is set when the endpoint 0 FIFO buffer
contains valid data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com