Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 832 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 832 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 828Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 829Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 830Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 831Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 832Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 833Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 834Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 835Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 836Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 832 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 780 of 1102
REJ09B0294-0100
• EPIR04
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
Undefined
W
Endpoint FIFO Number
[Possible setting range]
0 to 3
The endpoint number is the endpoint number the USB host uses. The endpoint FIFO number
corresponds to the endpoint number described in this manual. Thus data transfer between the USB
host and the endpoint FIFO can be enabled by putting the endpoint number and the endpoint FIFO
number in one-to-one correspondence. Note that the setting value is subject to a limitation
described below.
Since each endpoint FIFO number is optimized by the exclusive software that corresponds to the
transfer system, direction, and the maximum packet size, make sure to set the endpoint FIFO
number to the data described in table 16.2.
1. The endpoint FIFO number 1 cannot designate other than the maximum packed size of 8 bytes,
control transfer method, and out transfer direction.
2. The endpoint number 0 and the endpoint FIFO number must have one-on one relationship.
3. The maximum packet size for the endpoint FIFO number 0 is 8 bytes only.
4. The endpoint FIFO number 0 can specify only the maximum packet size and the data for the
rest should be all 0.
5. The maximum packet size for the endpoint FIFO numbers 1 and 2 is limited to 64 bytes.
6. The maximum packet size for the endpoint FIFO numbers 3 is limited to 8 bytes.
7. The maximum number of endpoint information setting is ten.
8. Up to ten endpoint information setting should be made.
9. Write 0 to the endpoints not in use.
Table 16.2 shows the example of limitations for the maximum packet size, the transfer method,
and the transfer direction.
Table 16.2
Example of Limitations for Setting Values
Endpoint FIFO Number
Maximum Packet Size
Transfer Method
Transfer Direction
0
8 bytes
Control
1
64 bytes
Bulk
Out
2
64 bytes
Bulk
In
3
8 bytes
Interrupt
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com